|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PNP TRANSISTOR 3.0A B1424 AF OUTPUT AMPLIFIER FOR DC-DC CONVERTER FOR CAMERA MOTOR DRIVER SOT-89 1. Base 2. Collector 3. Emitter MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS] PARAMETERS SYMBOL MIN TYP MAX Collector-Emitter Breakdown Voltage BVceo -20 Collector-Base Breakdown Voltage BVcbo -20 Emitter-Base Breakdown Voltage BVebo -6 Collector-Base Leakage Icbo 0.1 Emitter-Base Leakage Iebo 0.1 Collector-Emitter Saturation Voltage Vce] sat ^ -0.5 DC Current Gain Collector Current Peak Collector Current Current Gain Bandwidth Output Capacitance Power Dissipation Junction Temperature Storage Temperature Hfe1 Ic Icp fT Cob Pc Tj Tstg 80 Ta=25J^ UNIT V V V uA uA V CONDITION Ic=1mA Ic=5uA Ie=50g A Vcb=-10V Veb=--5V Ic=2A Ib=0.1A Vce=-2V,Ic=0.5A 240 -55 390 3 A 5 A(Pulse) MHz Vcb=-2V, Ic=0.5A 50 pF Vcb=-10V,Ie=0,f=1MHz 0.75 W 150 J 150 J STANSON TECHNOLOGY 120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295 |
Price & Availability of B1424 |